Part Number Hot Search : 
D1703 120F6 K3001 AAMDA 60DCB6 TL084 DBG250G FD120
Product Description
Full Text Search
 

To Download FB0826A7503A00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model X0060L7575A00
Rev C
Ultra Low Profile 0603 RF Crossover
Description
The (patent pending) X0066L7575A00 is an ultra-small low profile crossover that enables the transition of two intersecting RF traces in an easy to use industry standard SMT package. The 0603 crossover is ideal for any critical applications where layout and available space are a premium and resorting to addition PWB layers and larger overall footprints are unacceptable. With low insertion loss and high isolation packaged with cost in mind, this novel component delivers.
Detailed Electrical Specifications*: Specifications subject to change without notice.
ROOM (25C)
Features:
* * * * * * * * * * 0 - 2500 MHz. 0.7mm Height Profile 75 Ohm RF-RF Crossover All Wireless Frequencies Low Insertion Loss High Isolation Surface Mountable Tape & Reel Non-conductive Surface RoHS Compliant
Parameter Frequency Port Impedance Return Loss Insertion Loss Isolation (cross-talk) 0 - 700 MHz 700 - 1700 MHz 1700 - 2500 MHz Power Handling Operating Temperature
Min. 0 19
Typ. 75 21 0.1 52 47 43
Max 2500
0.15
Unit MHz dB dB dB dB dB Watts C
44 40 38 -55
2 +85
Outline Drawing
Top View (Near-side) .027.002 [0.700.05] .029.004 [0.750.10] 1 2 3 .008 [0.20] .020 [0.52] Pin 1 2 3 4 5 6 Designation GND RF 2 In/Out GND RF 1 In/Out RF 2 In/Out RF 1 In/Out 6 5 4 Side View Bottom View (Far-side)
.059.004 [1.500.10]
.020 [0.50]
Orientation Marker Denotes Pin Location
.010 [0.24]
Dimensions are in Inches [Millimeters] Mechanical Outline
Tolerances are Non-Cumulative
Available on Tape and Reel for Pick and Place Manufacturing.
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Model X0060L7575A00
Rev C
Typical Broadband Performance: 0 GHz. to 3.0 GHz.
Return Loss
0 -3 -6 -9 -12 -15
[dB]
S12
0 -0.1 -0.2 -0.3 -0.4
[dB]
-18 -21 -24 -27 -30 -33 -36 500 1000 1500 2000 2500 3000
-0.5 -0.6 -0.7 -0.8 -0.9 -1 500 1000 1500 2000 2500 3000
Frequency [MHz]
Frequency [MHz]
Isolation
0 -5 -10 -15 -20
[dB]
-25 -30 -35 -40 -45 -50 500 1000 1500 2000 2500 3000
Frequency [MHz]
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Available on Tape and Reel for Pick and Place Manufacturing.
Model X0060L7575A00
Rev C
Mounting Configuration:
In order for Xinger surface mount components to work optimally, the proper impedance transmission lines must be used to connect to the RF ports. If this condition is not satisfied, insertion loss, Isolation and VSWR may not meet published specifications. All of the Xinger components are constructed from ceramic filled PTFE composites which possess excellent electrical and mechanical stability having X and Y thermal coefficient of expansion (CTE) of 17 ppm/oC. An example of the PCB footprint used in the testing of these parts is shown on below. In specific designs, the transmission line widths need to be adjusted to the unique dielectric coefficients and thicknesses as well as varying pick and place equipment tolerances.
6X .011 [0.28]
6X .011 [0.29]
2X .009 [0.22] Plated thru holes to ground .012 [0.31]
Part Orientation (Top View)
6X .002 [0.05] Transmission Line
Circuit Pattern Footprint Pad (s) Solder Resist
Dimensions are in Inches [Millimeters] Mounting Footprint
Available on Tape and Reel for Pick and Place Manufacturing.
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Model X0060L7575A00
Rev C
Packaging and Ordering Information
Parts are available in reel and are packaged per EIA 481-2. Parts are oriented in tape and reel as shown below. Minimum order quantities are 4000 per reel. See Model Numbers below for further ordering information.
OA
OC
OD
QUANTITY/REEL 4000
TABLE 1 REEL DIMENSIONS (inches [mm]) OA 7.00 [177.8] B 0.32 [8.0] OC 2.0 [50.8] OD 0.512 [13.0]
B
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392
Available on Tape and Reel for Pick and Place Manufacturing.
Model X0060L7575A00
Rev C
Available on Tape and Reel for Pick and Place Manufacturing.
USA/Canada: Toll Free: Europe:
(315) 432-8909 (800) 411-6596 +44 2392-232392


▲Up To Search▲   

 
Price & Availability of FB0826A7503A00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X